PART |
Description |
Maker |
HNC1-2.5P-12DSL HNC2-2.5P-10DS HNC2-2.5P-10DSL HNC |
2.5mm Pitch Connector for Discrete Wire Connection 2.5毫米间距连接线连接离 RESISTOR 2.4 OHM .5W CARB COMP 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Tape And Reel 2.5毫米间距连接线连接离 Inductor; Series:IHLP-2525CZ; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:6A; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape INDUCTOR 2525CZ 0.47 UH 20% LOW PROFILE HIGH CURRENT Inductor; Inductor Type:High Frequency; Inductance:2.2uH; Inductance Tolerance: 20 %; Current Rating:8A; Series:IHLP-2525CZ; Package/Case:PCB Surface Mount; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
PM3700-80-RC PM3700-30-RC |
Power Inductor; Series:PM3700; Inductance:750uH; Terminal Type:PCB Surface Mount; Current Rating:5.5A; Frequency Max:20MHz; Frequency Min:1MHz; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Packaging:Cut Tape
|
Bourns Inc.
|
PM2110-1R0M-RC PM2110-220K-RC PM2110-6R8M-RC |
High I, Toroid Inductor 1 ELEMENT, 1 uH, IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD Toroidal Inductor; Series:PM2110; Inductance:22uH; Inductance Tolerance: /- 10 %; Terminal Type:PCB Surface Mount; Current Rating:9.7A; External Height:0.60"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2110; Inductance:6.8uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:13.1A; External Height:0.59"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
Bourns, Inc. BOURNS INC
|
KC3225A5000C30E00 |
Clock Oscillators Surface Mount Type KC3225A-C3 Series (K25-3C Series)
|
Kyocera Kinseki Corpotation
|
0454.750MR 0452.375MRL 0452.375NRL 045202.5NRL 045 |
Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series Surface Mount Fuses NANO2? > Slo-Blo? > 452/454 Series The NANO2 Slo-Blo? fuse has enhanced inrush withstand characteristics over the NANO2 Fast-Acting fuse. Surface Mount Fuses NANO2 > Slo-Blo > 452/454 Series FAST BLOW ELECTRIC FUSE, 2A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT
|
Littelfuse
|
VE221M1CTR080100 |
ALUMINUM ELECTROLYTIC CAPACITORS VE Series: Surface Mount Type
|
RFE international
|
VEC100M1VTR050053 |
ALUMINUM ELECTROLYTIC CAPACITORS VEC Series: Surface Mount Type, Low Leakage
|
RFE international
|
0451.125NR 0451.100NRL 0451.160MRL 0451.160NRL 045 |
Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series Wire-in-Air (WIA) square shape surface mount fuse 451/453 Series Fuse Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series Surface Mount Fuses NANO2 > Very Fast-Acting > 451/453 Series Surface Mount Fuses Surface Mount Fuses Surface Mount Fuses NANO2? > Very Fast-Acting > 451/453 Series
|
Littelfuse
|
90814-3924 90814-3622 90814-0904 90814-3608 90814- |
P'FLEX SMT H'R HI-TEMP W PEGS AU 24CKT 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 22CKT 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT PICOFLEX SMT HEADER 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 8 CKT 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 26CKT 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP NO PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P'FLEX SMT H'R HI-TEMP W PEGS AU 10CKT 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT P/FLEX SMT H/R W/O PEGS 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:8.89mm Header; Number of Contacts:10; Pitch Spacing:1.27mm; Number of Rows:1; Series:Picoflex; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount; External Width:11.43mm
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|